Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 49Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 50Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 51Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 52Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 53Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 54Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 55Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 56Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 127 page
background image
Factory
default
setting
Option bits
Option
byte no.
Option
name
Addr.
0
1
2
3
4
5
6
7
FFh
Reserved
NOPT6
0x480C
00h
Reserved
OPT7
Reserved
0x480D
FFh
Reserved
NOPT7
0x480E
00h
BL[7:0]
OPTBL
Bootloader
0x487E
FFh
NBL[7:0]
NOPTBL
0x487F
Table 13: Option byte description
Description
Option byte no.
ROP[7:0] Memory readout protection (ROP)
OPT0
AAh: Enable readout protection (write access via SWIM protocol)
Note: Refer to the family reference manual (RM0016) section on
Flash/EEPROM memory readout protection for details.
UBC[7:0] User boot code area
OPT1
0x00: no UBC, no write-protection
0x01: Page 0 to 1 defined as UBC, memory write-protected
0x02: Page 0 to 3 defined as UBC, memory write-protected
0x03: Page 0 to 4 defined as UBC, memory write-protected
...
0x3E: Pages 0 to 63 defined as UBC, memory write-protected
Other values: Reserved
Note: Refer to the family reference manual (RM0016) section on
Flash write protection for more details.
AFR[7:0]
OPT2
Refer to following table for the alternate function remapping
decriptions of bits [7:2].
HSITRIM:High speed internal clock trimming register size
OPT3
0: 3-bit trimming supported in CLK_HSITRIMR register
1: 4-bit trimming supported in CLK_HSITRIMR register
53/127
DocID14771 Rev 9
Option bytes
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com