Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 62Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 63Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 64Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 65Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 66Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 67Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 68Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 69Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 127 page
background image
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
3.2
2.6
HSE user ext. clock
(16 MHz)
mode,
code
executed
from
RAM
3.2
2.5
HSI RC osc.
(16 MHz)
2.2
1.6
HSE user ext. clock
(16 MHz)
fCPU = fMASTER/128
= 125 kHz
2.0
1.3
HSI RC osc.
(16 MHz)
0.75
HSI RC osc. (16 MHz/8)
fCPU = fMASTER/128 =
15.625 kHz
0.55
LSI RC osc.
(128 kHz)
fCPU = fMASTER = 128 kHz
7.3
HSE crystal osc.
(16 MHz)
fCPU = fMASTER = 16 MHz
Supply
current
in run
mode,
8
7.0
HSE user ext. clock
(16 MHz)
code
executed
from
Flash
8.0
7.0
HSI RC osc.
(16 MHz)
1.5
HSI RC osc.
(16 MHz/8)
(2)
fCPU = fMASTER = 2 MHz
2.0
1.35
HSI RC osc.
(16 MHz)
fCPU = fMASTER/128
= 125 kHz
0.75
HSI RC osc.
(16 MHz/8)
fCPU = fMASTER/128 =
15.625 kHz
DocID14771 Rev 9
66/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com