Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 67Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 68Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 69Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 70Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 71Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 72Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 73Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 74Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
Table 28: Total current consumption in halt mode at VDD = 3.3 V
Unit
Max at
125
°C
(1)
Max at
85 °C
(1)
Typ
Conditions
Parameter
Symbol
µA
150
90
60
Flash in operating mode, HSI
clock after wakeup
Supply current
in halt mode
IDD(H)
80
20
4.5
Flash in powerdown mode,
HSI clock after wakeup
(1) Data based on characterization results, not tested in production.
Low power mode wakeup times
10.3.2.5
Table 29: Wakeup times
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
μs
See
note
(2)
0 to 16 MHz
Wakeup time from
wait mode to run
mode
(3)
tWU(WFI)
0.56
fCPU = fMASTER = 16 MHz
2
(6)
1
(6)
HSI
(after
wakeup)
Flash in operating
mode
(5)
MVR voltage
regulator
on
(4)
Wakeup time active
halt mode to run
mode
(3)
tWU(AH)
3
(6)
HSI
(after
wakeup)
Flash in
power-down
mode
(5)
MVR voltage
regulator
on
(4)
Wakeup time active
halt mode to run
mode
(3)
48
(6)
HSI
(after
wakeup)
Flash in operating
mode
(5)
MVR voltage
regulator
off
(4)
Wakeup time active
halt mode to run
mode
(3)
50
(6)
HSI
(after
wakeup)
Flash in
power-down
mode
(5)
MVR voltage
regulator
off
(4)
Wakeup time active
halt mode to run
mode
(3)
52
Flash in operating mode
(5)
Wakeup time from
halt mode to run
mode
(3)
tWU(H)
54
Flash in power-down mode
(5)
(1) Data guaranteed by design, not tested in production.
(2) t
WU(WFI) = 2 x 1/fmaster + 6 x 1/fCPU.
(3) Measured from interrupt event to interrupt vector fetch.
71/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com