Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 76Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 77Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 78Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 79Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 80Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 81Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 82Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 83Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 127 page
background image
Figure 22: Typical HSI accuracy vs VDD @ 4 temperatures
Low speed internal RC oscillator (LSI)
Subject to general operating conditions for VDD and TA.
Table 35: LSI oscillator characteristics
Unit
Max
Typ
Min
Parameter
Symbol
kHz
146
128
110
Frequency
fLSI
µs
7
(1)
LSI oscillator wakeup time
tsu(LSI)
µA
5
LSI oscillator power consumption
IDD(LSI)
(1) Guaranteeed by design, not tested in production.
DocID14771 Rev 9
80/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com