Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 51Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 52Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 53Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 54Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 55Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 56Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 57Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 58Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 127 page
background image
Description
Option byte no.
Reserved
OPT6
Reserved
OPT7
BL[7:0] Bootloader option byte
OPTBL
For STM8S products, this option is checked by the boot ROM code
after reset. Depending on the content of addresses 0x487E, 0x487F,
and 0x8000 (reset vector), the CPU jumps to the bootloader or to
the reset vector. Refer to the UM0560 (STM8L/S bootloader manual)
for more details.
For STM8L products, the bootloader option bytes are on addresses
0xXXXX and 0xXXXX+1 (2 bytes). These option bytes control
whether the bootloader is active or not. For more details, refer to the
UM0560 (STM8L/S bootloader manual) for more details.
Table 14: Description of alternate function remapping bits [7:0] of OPT2
Description
(1)
Option byte no.
AFR7 Alternate function remapping option 7
OPT2
0: AFR7 remapping option inactive: Default alternate function
(2).
1: Port D4 alternate function = BEEP.
AFR6 Alternate function remapping option 6
0: AFR6 remapping option inactive: Default alternate functions
(2).
1: Port B5 alternate function = I
2C_SDA; port B4 alternate function
= I
2C_SCL.
AFR5 Alternate function remapping option 5
0: AFR5 remapping option inactive: Default alternate functions
(2).
1: Port B3 alternate function = TIM1_ETR; port B2 alternate function
= TIM1_NCC3; port B1 alternate function = TIM1_CH2N; port B0
alternate function = TIM1_CH1N.
AFR4 Alternate function remapping option 4
0: AFR4 remapping option inactive: Default alternate function
(2).
1: Port D7 alternate function = TIM1_CH4.
AFR3 Alternate function remapping option 3
0: AFR3 remapping option inactive: Default alternate function
(2).
1: Port D0 alternate function = TIM1_BKIN.
AFR2 Alternate function remapping option 2
55/127
DocID14771 Rev 9
Option bytes
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com