Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 68Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 69Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 70Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 71Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 72Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 73Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 74Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 75Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
(4) Configured by the REGAH bit in the CLK_ICKR register.
(5) Configured by the AHALT bit in the FLASH_CR1 register.
(6) Plus 1 LSI clock depending on synchronization.
Total current consumption and timing in forced reset state
10.3.2.6
Table 30: Total current consumption and timing in forced reset state
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
μA
500
VDD = 5 V
Supply current in reset
state
(2)
IDD(R)
400
VDD = 3.3 V
μs
150
Reset pin release to
vector fetch
tRESETBL
(1) Data guaranteed by design, not tested in production.
(2) Characterized with all I/Os tied to V
SS.
Current consumption of on-chip peripherals
10.3.2.7
Subject to general operating conditions for VDD and TA.
HSI internal RC/fCPU = fMASTER = 16 MHz.
Table 31: Peripheral current consumption
Unit
Typ.
Parameter
Symbol
µA
230
TIM1 supply current
(1)
IDD(TIM1)
115
TIM2 supply current
(1)
IDD(TIM2)
90
TIM3 timer supply current
(1)
IDD(TIM3)
30
TIM4 timer supply current
(1)
IDD(TIM4)
110
UART2 supply current
(2)
IDD(UART2)
45
SPI supply current
(2)
IDD(SPI)
DocID14771 Rev 9
72/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com