Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 96Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 97Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 98Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 99Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 100Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 101Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 102Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 103Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 127 page
background image
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
2.5
0.8
fADC = 6 MHz
1.5
0.7
fADC = 2 MHz
Differential linearity error
(2)
|ED|
1.5
0.7
fADC = 4 MHz
1.5
0.8
fADC = 6 MHz
1.5
0.6
fADC = 2 MHz
Integral linearity error
(2)
|EL|
1.5
0.6
fADC = 4 MHz
1.5
0.6
fADC = 6 MHz
(1) Data based on characterisation results for LQFP80 device with V
REF+/VREF-, not tested
in production.
(2) ADC accuracy vs. negative injection current: Injecting negative current on any of the
analog input pins should be avoided as this significantly reduces the accuracy of the
conversion being performed on another analog input. It is recommended to add a Schottky
diode (pin to ground) to standard analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in the I/O
port pin characteristics section does not affect the ADC accuracy.
Table 47: ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
LSB
2
1.1
fADC = 2 MHz
Total unadjusted error
(2)
|ET|
2.5
1.6
fADC = 4 MHz
1.5
0.7
fADC = 2 MHz
Offset error
(2)
|EO|
2
1.3
fADC = 4 MHz
1.5
0.2
fADC = 2 MHz
Gain error
(2)
|EG|
2
0.5
fADC = 4 MHz
1
0.7
fADC = 2 MHz
Differential linearity error
(2)
|ED|
DocID14771 Rev 9
100/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com