Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 99Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 100Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 101Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 102Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 103Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 104Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 105Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 106Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
Table 48: EMS data
Level/
class
Conditions
Parameter
Symbol
2/B
(1)
VDD = 3.3 V, TA = 25 °C, fMASTER = 16 MHz
(HSI clock), conforming to IEC 61000-4-2
Voltage limits to be
applied on any I/O pin to
induce a functional
disturbance
VFESD
4/A
(1)
VDD= 3.3 V, TA = 25 °C ,fMASTER = 16 MHz
(HSI clock),conforming to IEC 61000-4-4
Fast transient voltage
burst limits to be applied
through 100 pF on VDD
VEFTB
and VSS pins to induce a
functional disturbance
(1)Data obtained with HSI clock configuration, after applying HW recommendations described
in AN2860 (EMC guidelines for STM8S microcontrollers).
Electromagnetic interference (EMI)
10.3.12.3
Emission tests conform to the IEC61967-2 standard for test software, board layout and pin
loading.
Table 49: EMI data
Unit
Conditions
Parameter
Symbol
Max fHSE/fCPU
(1)
Monitored
frequency
band
General
conditions
8 MHz/ 16
MHz
8 MHz/ 8
MHz
dBµV
14
13
0.1 MHz to
30 MHz
VDD = 5 V,
TA = +25 °C,
Peak level
SEMI
19
23
30 MHz to
130 MHz
LQFP48
package
conforming to
IEC61967-2
-4
-4
130 MHz to 1
GHz
—
1.5
2
SAE EMI
level
(1) Data based on characterization results, not tested in production.
103/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com