Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 103Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 104Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 105Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 106Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 107Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 108Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 109Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 110Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
0.0079
0.0035
0.200
0.090
c
0.3622
0.3543
0.3465
9.200
9.000
8.800
D
0.2835
0.2756
0.2677
7.200
7.000
6.800
D1
0.2165
5.500
D3
0.3622
0.3543
0.3465
9.200
9.000
8.800
E
0.2835
0.2756
0.2677
7.200
7.000
6.800
E1
0.2165
5.500
E3
0.0197
0.500
e
0.0295
0.0236
0.0177
0.750
0.600
0.450
L
0.0394
1.000
L1
7.0°
3.5°
0.0°
7.0°
3.5°
0.0°
k
0.0031
0.080
ccc
(1) Values in inches are converted from mm and rounded to 4 decimal digits
107/127
DocID14771 Rev 9
Package characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com