Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 87Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 88Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 89Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 90Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 91Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 92Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 93Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 94Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
Figure 36: Typ. VDD - VOH @ VDD = 3.3 V (high sink ports)
Reset pin characteristics
10.3.8
Subject to general operating conditions for VDD and TA unless otherwise specified.
Table 42: NRST pin characteristics
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
V
0.3 x VDD
-0.3 V
NRST input low
level voltage
(1)
VIL(NRST)
VDD + 0.3
0.7 x VDD
IOL=2 mA
NRST input high
level voltage
(1)
VIH(NRST)
0.5
NRST output low
level voltage
(1)
VOL(NRST)
kΩ
60
40
30
NRST pull-up
resistor
(2)
RPU(NRST)
ns
75
NRST input filtered
pulse
(3)
tI FP(NRST)
500
NRST input not
filtered pulse
(3)
tIN FP(NRST)
μs
20
NRST output pulse
(3)
tOP(NRST)
(1) Data based on characterization results, not tested in production.
(2) The R
PU pull-up equivalent resistor is based on a resistive transistor
(3) Data guaranteed by design, not tested in production.
91/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com