Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 89Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 90Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 91Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 92Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 93Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 94Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 95Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 96Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 127 page
background image
Figure 39: Typical NRST pull-up current vs VDD @ 4 temperatures
The reset network shown inthe following figure protects the device against parasitic resets.
The user must ensure that the level on the NRST pin can go below the VIL max. level specified
in the I/O port pin characteristics section. Otherwise the reset is not taken into account
internally.
Figure 40: Recommended reset pin protection
External
reset
circuit
(optional)
0.01 μF
NRST
VDD
RPU
Filter
Internal reset
STM8
SPI serial peripheral interface
10.3.9
Unless otherwise specified, the parameters given in the following table are derived from tests
performed under ambient temperature, fMASTER frequency and VDD supply voltage conditions.
tMASTER = 1/fMASTER.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (NSS, SCK, MOSI, MISO).
93/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com