Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 23Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 24Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 25Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 26Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 27Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 28Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 29Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 30Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 127 page
background image
Alternate
function after
remap
[option bit]
Default alternate
function
Main function
(after reset)
Output
Input
Type
Pin
name
Pin number
PP
OD
Speed
High
sink
Ext.
interrupt
wpu
floating
SDIP32
LQFP32/
VFQFPN32/
UFQFPN32
LQFP44
LQFP48
Analog input 9
(2)
Port E6
X
X
O1
X
X
X
I/O
PE6/
AIN9
-
-
22
24
SPI master/slave
select
Port E5
X
X
O1
X
X
X
I/O
PE5/SPI_
NSS
22
17
23
25
Timer 1 -
Port C1
X
X
O3
HS
X
X
X
I/O
PC1/
TIM1_
23
18
24
26
channel 1/ UART2
synchronous clock
CH1/
UART2_CK
Timer 1-
Port C2
X
X
O3
HS
X
X
X
I/O
PC2/
TIM1_
CH2
24
19
25
27
channel 2
Timer 1 -
Port C3
X
X
O3
HS
X
X
X
I/O
PC3/
TIM1_
CH3
25
20
26
28
channel 3
Timer 1 -
Port C4
X
X
O3
HS
X
X
X
I/O
PC4/
TIM1_
CH4
26
21
-
29
channel 4
SPI clock
Port C5
X
X
O3
HS
X
X
X
I/O
PC5/
SPI_
SCK
27
22
27
30
I/O ground
S
VSSIO_2
-
-
28
31
I/O power supply
S
VDDIO_2
-
-
29
32
SPI master
out/slave in
Port C6
X
X
O3
HS
X
X
X
I/O
PC6/
SPI_
MOSI
28
23
30
33
SPI master in/
slave out
Port C7
X
X
O3
HS
X
X
X
I/O
PC7/
SPI_
MISO
29
24
31
34
Port G0
X
X
O1
X
X
I/O
PG0
-
-
32
35
Port G1
X
X
O1
X
X
I/O
PG1
-
-
33
36
Timer 1 - break
input
Port E3
X
X
O1
X
X
X
I/O
PE3/
TIM1_
BKIN
-
-
-
37
I
2
C data
Port E2
T
(3)
O1
X
X
X
I/O
PE2/
I
2
C_
SDA
-
-
34
38
I
2
C clock
Port E1
T
(3)
O1
X
X
X
I/O
PE1/
I
2
C_
SCL
-
-
35
39
Configurable clock
output
Port E0
X
X
O3
HS
X
X
X
I/O
PE0/
CLK_
CCO
-
-
36
40
27/127
DocID14771 Rev 9
Pinout and pin description
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com