Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3C Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 100Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 101Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 102Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 103Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 104Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 105Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 106Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 107Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
Absolute maximum ratings (electrical sensitivity)
10.3.12.4
Based on two different tests (ESD and LU) using specific measurement methods, the product
is stressed in order to determine its performance in terms of electrical sensitivity. For more
details, refer to the application note AN1181.
Electrostatic discharge (ESD)
10.3.12.5
Electrostatic discharges (3 positive then 3 negative pulses separated by 1 second) are applied
to the pins of each sample according to each pin combination. The sample size depends on
the number of supply pins in the device (3 parts*(n+1) supply pin). This test conforms to the
JESD22-A114A/A115A standard. For more details, refer to the application note AN1181.
Table 50: ESD absolute maximum ratings
Unit
Maximum
value
(1)
Class
Conditions
Ratings
Symbol
V
2000
A
TA = +25°C,
conforming to
JESD22-A114
Electrostatic discharge
voltage (Human body model)
VESD(HBM)
V
1000
IV
TA=+25°C, conforming
to JESD22-C101
Electrostatic discharge
voltage (Charge device
model)
VESD(CDM)
(1) Data based on characterization results, not tested in production
Static latch-up
10.3.12.6
Two complementary static tests are required on 10 parts to assess the latch-up performance:
• A supply overvoltage (applied to each power supply pin)
• A current injection (applied to each input, output and configurable I/O pin) are performed
on each sample.
This test conforms to the EIA/JESD 78 IC latch-up standard. For more details, refer to the
application note AN1181.
Table 51: Electrical sensitivities
Class
(1)
Conditions
Parameter
Symbol
A
TA = +25 °C
Static latch-up class
LU
A
TA = +85 °C
A
TA = +125 °C
DocID14771 Rev 9
104/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com