Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM8S105C4B3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM8S105C4B3 Datasheet HTML 116Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 117Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 118Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 119Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 120Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 121Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 122Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 123Page - STMicroelectronics STM8S105C4B3 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 127 page
background image
[ ] 1: Port D0 alternate function = TIM1_BKIN.
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR4
(check only one option)
[ ] 1: Port D7 alternate function = TIM1_CH4.
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR5
(check only one option)
[ ] 1: Port B3 alternate function = TIM1_ETR, port B2 alternate
function = TIM1_NCC3, port B1 alternate function = TIM1_CH2N,
port B0 alternate function = TIM1_CH1N.
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description
AFR6
(check only one option)
[ ] 1: Port B5 alternate function = I2C_SDA, port B4 alternate
function = I2C_SCL.
[ ] 0: Remapping option inactive. Default alternate functions used.
Refer to pinout description.
AFR7
(check only one option)
[ ] 1: Port D4 alternate function = BEEP.
OPT3 watchdog
[ ] 0: No reset generated on halt if WWDG active.
WWDG_HALT
(check only one option)
[ ] 1: Reset generated on halt if WWDG active.
[ ] 0: WWDG activated by software.
WWDG_HW
(check only one option)
[ ] 1: WWDG activated by hardware.
[ ] 0: IWDG activated by software.
IWDG_HW
(check only one option)
[ ] 1: IWDG activated by hardware.
[ ] 0: LSI clock is not available as CPU clock source.
LSI_EN
(check only one option)
[ ] 1: LSI clock is available as CPU clock source.
[ ] 0: 3-bit trimming supported in CLK_HSITRIMR
register.
HSITRIM
(check only one option)
[ ] 1: 4-bit trimming supported in CLK_HSITRIMR
register.
OPT4 wakeup
[ ] for 16 MHz to 128 kHz prescaler.
PRSC
(check only one option)
[ ] for 8 MHz to 128 kHz prescaler.
[ ] for 4 MHz to 128 kHz prescaler.
DocID14771 Rev 9
120/127
STM8S105xx
Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com