Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
GENERAL RELEASE SPECIFICATION
CENTRAL PROCESSING UNIT
Rev. 2.0
3-1
SECTION 3
CENTRAL PROCESSING UNIT
This section describes the five CPU registers. CPU registers are not part of the
memory map.
3.1
Accumulator (A)
The accumulator is a general purpose 8-bit register used to hold operands and
results of arithmetic calculations or data manipulations.
3.2
Index Register (X)
The index register is an 8-bit register used for the indexed addressing value to
create an effective address. The index register also may be used as a temporary
storage area.
3.3
Condition Code Register (CCR)
The CCR is a 5-bit register in which four bits are used to indicate the results of the
instruction just executed, and the fifth bit indicates whether interrupts are masked.
These bits can be tested individually by a program, and specific actions can be
taken as a result of their state. Each bit is explained in the following paragraphs.
3.3.1 H — Half Carry
This bit is set during ADD and ADC operations to indicate that a carry occurred
between bits 3 and 4.
70
A
70
X
CCR
H
I
NZC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com