Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
MC68HC05P9A
13-4
Rev. 2.0
13.4
A/D Converter Characteristics
Table 13-3. A/D Converter Characteristics
Characteristic
Min
Max
Unit
Resolution
8
8
Bit
Absolute Accuracy (4.0 V > VRH > VDD)
(See Note 1)
—
±1–1/2
LSB
Conversion Range
VRH
VSS
VSS
VRH
VDD
V
Conversion Time (Includes Sampling Time)
External Clock (XTAL)
Internal RC Oscillator (ADRC = 1)
32
—
32
32
tAD
µs
Power-Up Time
—
100
µs
Monotonicity
Inherent (Within Total Error)
Zero Input Reading (Vin = 0 V)
00
01
Hex
Full-Scale Reading (Vin = VRH)
FF
FF
Hex
Sample Acquisition Time (see Note 2)
External Clock (XTAL)
Internal RC Oscillator (ADRC = 1)
12
—
12
12
tAD
µs
Input Capacitance
PC3/AN3–PC6/AN0
—12
pF
Analog Input Voltage
VSS
VRH
V
Input Leakage (see Note 4)
AN0–AN3
VRH
—
—
±1
±1
µA
NOTES:
1. A/D accuracy may decrease proportionately as VRH is reduced below 4.0 V.
2. Source impedances greater than 10 k
Ω adversely affect internal RC charging time during input sampling.
3. tAD = tcyc if clock source is MCU.
4. The external system error caused by input leakage current is approximately equal to the product of R source and input
current.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com