Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
GENERAL RELEASE SPECIFICATION
INTERRUPTS
Rev. 2.0
4-1
SECTION 4
INTERRUPTS
The MCU can be interrupted four different ways: the two maskable hardware
interrupts (IRQ and timer), the non-maskable software interrupt instruction (SWI),
and by the optional external asynchronous interrupt on each port A pin (enabled
by pullup mask option).
Interrupts cause the processor to save register contents on the stack and to set
the interrupt mask (I bit) to prevent additional interrupts.
The RTI instruction
causes the register contents to be recovered from the stack and normal
processing to resume.
Unlike RESET, hardware interrupts do not cause the current instruction execution
to be halted, but are considered pending until the current instruction is complete.
NOTE
The current instruction is the one already fetched and being
operated on.
When the current instruction is complete, the processor checks all pending
hardware interrupts. If interrupts are not masked (CCR I bit clear) and if the
corresponding interrupt enable bit is set, the processor proceeds with interrupt
processing; otherwise, the next instruction is fetched and executed.
If both an external interrupt and a timer interrupt are pending at the end of an
instruction execution, the external interrupt is serviced first. The SWI is executed
the same as any other instruction, regardless of the I-bit state.
Table 4-1 lists vector addresses for all interrupts including reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com