Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
GENERAL RELEASE SPECIFICATION
TIMER
Rev. 2.0
8-1
SECTION 8
TIMER
The timer consists of a 16-bit, software-programmable counter driven by a fixed
divide-by-four prescaler. This timer can be used for many purposes, including
input waveform measurements while simultaneously generating an output
waveform. Pulse widths can vary from several microseconds to many seconds.
Refer to Figure 8-1 for a timer block diagram.
Each specific functional segment (capability) is represented by two registers.
These registers contain the high and low byte of that functional segment.
Generally, accessing the low byte of a specific timer function allows full control of
that function; however, an access of the high byte inhibits that specific timer
function until the low byte also is accessed.
NOTE
The I bit in the CCR should be set while manipulating both the high
and low byte register of a specific timer function to ensure that an
interrupt does not occur.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com