Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
Rev. 2.0
1-7
1.6
Input/Output Programming
Port pins may be programmed as inputs or outputs under software control. The
direction of the pins is determined by the state of the corresponding bit in the port
data direction register (DDR). Each I/O port has an associated DDR. Any I/O
port pin is configured as an output if its corresponding DDR bit is set to a logic
one. A pin is configured as an input if its corresponding DDR bit is cleared to a
logic zero.
At power-on or reset, all DDRs are cleared, which configures all pins as inputs.
The data direction registers are capable of being written to or read by the
processor. During the programmed output state, a read of the data register
actually reads the value of the output data latch and not the I/O pin. For further
information, see Table 1-1 and Figure 1-4.
Figure 1-4. I/O Circuitry
Table 1-1. I/O Pin Functions
R/W
DDR
I/O Pin Function
0
0
The I/O pin is in input mode. Data is written into the output data latch.
0
1
Data is written into the output data latch and output to the I/O pin.
1
0
The state of the I/O pin is read.
1
1
The I/O pin is in an output mode. The output data latch is read.
R/W is an internal signal.
Data Direction
Register Bit
Latched Output
Data Bit
I/O
Pin
Input
Reg
Bit
Input
I/O
Output
Internal
HC05
Connections
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com