Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ANALOG-TO-DIGITAL (A/D) CONVERTER
MC68HC05P9A
10-2
Rev. 2.0
10.2
A/D Status and Control Register (ADSCR)
The A/D status and control register contains a status flag and four writable control
bits.
CCF — Conversion Complete Flag
This read-only bit is automatically set when an analog-to-digital conversion is
complete, and a new result can be read from the A/D data register. CCF is
automatically cleared when a new conversion begins or when either the A/D
status and control register or the A/D data register is accessed. Writing to or
reading the A/D status and control register or the A/D data register starts a new
conversion sequence. Data from the previous conversion is overwritten
regardless of the state of the CCF bit. While CCF is a logical zero, the
requested A/D result is not yet available in the A/D data register.
ADRC — A/D RC Oscillator Control
When the RC oscillator is turned on, it requires a time (tADRC) to stabilize, and
results can be inaccurate during this time. If the internal clock rate is above 1
MHz, the ARDC bit should be cleared.
1 =
Internal RC oscillator drives A/D converter
0 =
Internal clock drives A/D converter
When the internal RC oscillator is being used as the A/D converter clock, two
limitations apply:
1. Because of the frequency tolerance of the RC oscillator and its
asynchronism with the internal clock, the conversion complete flag (CCF)
must be used to determine when a conversion sequence has been
completed.
2. The conversion process runs at the nominal 1.5 MHz rate, but the
conversion results must be transferred to the A/D data register
synchronously with the internal clock; therefore, the conversion process
is limited to a maximum of one channel every internal clock cycle.
ADON — A/D On
When the A/D is turned on, it requires a time (tADON) for the current sources to
stabilize. During this time, results can be inaccurate.
1 =
A/D converter enabled
0 =
A/D converter disabled
Bits 4–2 — Not Used
These bits are not used and read logical zero out of reset. Logical zeros must
be written to these bits when writing the A/D status and control register.
$001E
CCF
ADRC
ADON
0
0
0
CH1
CH0
RESET:
00000000
Figure 10-1. A/D Status and Control Register (ADSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com