Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
GENERAL RELEASE SPECIFICATION
INTERRUPTS
MC68HC05P9A
4-2
Rev. 2.0
4.1
Hardware Controlled Interrupt Sequence
The following three functions (RESET, STOP, and WAIT) are not interrupts in the
strictest sense. However, they are acted upon in a similar manner. Flowcharts for
hardware interrupts are shown in Figure 4-1, and for STOP and WAIT in Figure 6-
1. A discussion is provided below.
1.
RESET — A low input on the RESET input pin causes the program to
vector to its starting address, which is specified by the contents of
memory locations $1FFE and $1FFF. The I bit in the condition code
register also is set. Much of the MCU is configured to a known state
during this type of reset as described in SECTION 5 RESETS.
2.
STOP — The STOP instruction causes the oscillator to be turned off and
the processor to "sleep" until an external interrupt (IRQ) or reset
occurs.See 6.1.1 Stop Mode.
3.
WAIT or HALT — The WAIT or HALT instruction causes all processor
clocks to stop, but leaves the timer clock running. This rest state of the
processor can be cleared by reset, an external interrupt (IRQ), or timer
interrupt. These individual interrupts have no special wait vectors. See
6.1.2 Halt Mode.
Table 4-1. Vector Address for Interrupts and Reset
Register
Flag Name
Interrupts
CPU Interrupt
Vector Address
N/A
N/A
Reset
RESET
$1FFE-$1FFF
N/A
N/A
Software
SWI
$1FFC-$1FFD
N/A
N/A
External Interrupt
IRQ
$1FFA-$1FFB
TSR
ICF
Timer Input Capture
TIMER
$1FF8-$1FF9
TSR
OCF
Timer Output Capture
TIMER
$1FF8-$1FF9
TSR
TOF
Timer Overflow
TIMER
$1FF8-$1FF9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com