Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
GENERAL RELEASE SPECIFICATION
SELF-CHECK MODE
Rev. 2.0
11-1
SECTION 11
SELF-CHECK MODE
The self-check program resides at mask ROM locations $1F00 to $1FEF. This
program is designed to check the part’s functionality with a minimum of support
hardware.
The COP subsystem is disabled in the self-check mode so that
routines that feed the COP do not exist in the self-check program.
The self-check mode is entered on the rising edge of RESET if the IRQ pin is
driven to double the supply voltage and the TCAP/PD7 pin is at logic one. RESET
must be held low for 4064 cycles after POR or for a time tRL for any other reset.
After reset, the I/O, RAM, ROM, timer, and SIOP are tested. Self-check results
(using LED’s as monitors) are shown in Table 11-1. It is not recommended that the
user code use any of the self-check code. The self-check code is subject to
change at any time to improve testability or manufacturability.
Table 11-1. Self-Check Results
PC2
PC1
PC0
REMARKS
0
0
1
Bad I/O
0
1
0
Bad RAM
0
1
1
Bad Timer
1
0
0
Bad ROM
1
0
1
Bad Serial
Flashing
Good Device
All Others
Bad Device
0 indicates LED is on; 1 indicates LED is off.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com