Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05P9A Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
Rev. 2.0
13-5
13.5 SIOP Timing
Table 13-4. SIOP Timing (VDD = 5 V)
(VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = -40°C to +125°C, unless otherwise noted)
Table 13-5. SIOP Timing (VDD = 3.3 V)
(VDD = 3.3 Vdc ± 10%, VSS = 0 Vdc, TA = -40°C to +125°C, unless otherwise noted)
Num.
Characteristic
Symbol
Min
Max
Unit
Operating Frequency
Master
Slave
fop(m)
fop(s)
0.25
dc
0.25
0.25
fop
1
Cycle Time
Master
Slave
tcyc(m)
tcyc(s)
4.0
4.0
4.0
—
tcyc
2
Clock (SCK) Low Time
tcyc
932
—
ns
3
SDO Data Valid Time
tv
—
200
ns
4
SDO Hold Time
tho
0—
ns
5
SDI Setup Time
ts
100
—
ns
6
SDI Hold Time
th
100
—
ns
NOTE: fop = 2.1 MHz maximum
Num.
Characteristic
Symbol
Min
Max
Unit
Operating Frequency
Master
Slave
fop(m)
fop(s)
0.25
dc
0.25
0.25
fop
1
Cycle Time
Master
Slave
tcyc(m)
tcyc(s)
4.0
4.0
4.0
—
tcyc
2
Clock (SCK) Low Time
tcyc
1980
—
ns
3
SDO Data Valid Time
tv
—
400
ns
4
SDO Hold Time
tho
0—
ns
5
SDI Setup Time
ts
200
—
ns
6
SDI Hold Time
th
200
—
ns
NOTE: fop = 1.0 MHz maximum
SDO
BIT 0
BIT 1
BIT 6
SCK
BIT 7
SDI
BIT 0
BIT 1
BIT 6
BIT 7
1
2
3
4
5
6
Figure 13-1. SIOP Timing Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com