Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 49Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 50Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 51Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 52Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 53Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 54Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 55Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 239 page
background image
ST10F276Z5
Bootstrap loader
53/239
1.
As long as the device is in BSL, the user’s software should not try to execute code from the internal IFlash,
as the fetches are redirected to the Test-Flash.
5.2.6
Loading the start-up code
After the serial link initialization sequence (see following chapters), the BSL enters a loop to
receive 32 bytes (boot via UART) or 128 bytes (boot via CAN).
These bytes are stored sequentially into the device Dual-Port RAM from location 00’FA40h.
To execute the loaded code, the BSL then jumps to location 00’FA40h. The bootstrap
sequence running from the Test-Flash is now terminated; however, the microcontroller
remains in BSL mode.
Most probably, the initially loaded routine, being the first level user code, will load additional
code and data. This first level user code may use the pre-initialized interface (UART or CAN)
to receive data and a second level of code, and store it in arbitrary user-defined locations.
This second level of code may be
●
The final application code
●
Another, more sophisticated, loader routine that adds a transmission protocol to
enhance the integrity of the loaded code or data
●
A code sequence to change the system configuration and enable the bus interface to
store the received data into external memory
In all cases, the device still runs in BSL mode, that is, with the watchdog timer disabled and
limited access to the internal IFLASH area.
Figure 8.
Memory configuration after reset
16 Mbytes
16 Mbytes
16 Mbytes
BSL mode active
Yes (P0L.4 = ‘0’)
Yes (P0L.4 = ‘0’)
No (P0L.4 = ‘1’)
EA pin
High
Low
According to application
Code fetch from
internal FLASH area
Test-FLASH access
Test-FLASH access
User IFLASH access
Data fetch from
internal FLASH area
User IFLASH access
User IFLASH access
User IFLASH access
int. FLASH
enabled
access to
external
bus
disabled
access to
int.
RAM
1
0
int. FLASH
enabled
access to
external
bus
enabled
access to
int.
RAM
1
0
Depends on
reset config.
int.
RAM
1
0
Depends on
reset config.
(EA, P0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com