Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 62Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 63Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 64Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 65Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 66Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 67Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 68Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 239 page
background image
ST10F276Z5
Bootstrap loader
65/239
5.5
Comparing the old and the new bootstrap loader
The following tables summarizes the differences between the old ST10 (boot via UART only)
bootstrap and the new one (boot via UART or CAN).
5.5.1
Software aspects
As the CAN1 is needed, XPERCON register is configured by the bootstrap loader code and
bit XPEN of SYSCON is set. However, as long as the EINIT instruction is not executed (and
it is not in the bootstrap loader code), the settings can be modified. To do this, perform the
following steps:
●
DIsable the XPeripherals by clearing XPEN in SYSCON register. Attention: If this part
of the code is located in XRAM, it will be disabled.
●
Enable the needed XPeripherals by writing the correct value in XPERCON register.
●
Set XPEN bit in SYSCON.
Table 34.
Software topics summary
Old bootstrap loader
New bootstrap loader
Comments
Uses only 32 bytes in Dual-
Port RAM from 00’FA40h
Uses up to 128 bytes in
Dual-Port RAM from
00’FA40h
For compatibility between boot via UART
and boot via CAN1, please avoid loading
the application software in the
00’FA60h/00’FABFh range.
Loads 32 bytes from UART
Loads 32 bytes from UART
(boot via UART mode)
Same files can be used for boot via
UART.
User selected Xperipherals
can be enabled during boot
(Step 3 or Step 4).
Xperipherals selection is
fixed.
User can change the Xperipherals
selections through a specific code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com