Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 78Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 79Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 80Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 81Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 82Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 83Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 84Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 85Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 239 page
background image
Interrupt system
ST10F276Z5
82/239
8.2
Exception and error traps list
Table 43 shows all of the possible exceptions or error conditions that can arise during run-
time.
ASC1 Error
x
PLL Unlock / OWD
x
PWM1 Channel 3...0
xx
Table 42.
X-Interrupt detailed mapping (continued)
XP0INT
XP1INT
XP2INT
XP3INT
Table 43.
Trap priorities
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location
Trap
Number
Trap*
Priority
Reset Functions(1):
Hardware Reset
Software Reset
Watchdog Timer Overflow
1.
The resets have the highest priority level and the same trap number.
The PSW.ILVL CPU priority is forced to the highest level (15) when these exceptions are serviced.
RESET
RESET
RESET
00’0000h
00’0000h
00’0000h
00h
00h
00h
III
III
III
Class A Hardware Traps(2):
Non-Maskable Interrupt
Stack Overflow
Stack Underflow
2.
Each class A traps has a dedicated trap number (and vector). They are prioritized in the second priority
level.
NMI
STKOF
STKUF
NMITRAP
STOTRAP
STUTRAP
00’0008h
00’0010h
00’0018h
02h
04h
06h
II
II
II
Class B Hardware Traps(3):
Undefined Opcode
MAC Interruption
Protected Instruction Fault
Illegal word Operand Access
Illegal Instruction Access
Illegal External Bus Access
3.
All the class B traps have the same trap number (and vector) and the same lower priority compare to the
class A traps and to the resets.
UNDOPC
MACTRP
PRTFLT
ILLOPA
ILLINA
ILLBUS
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
00’0028h
00’0028h
00’0028h
00’0028h
00’0028h
00’0028h
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
I
I
I
I
I
I
Reserved
[002Ch - 003Ch]
[0Bh - 0Fh]
Software Traps
TRAP Instruction
Any
0000h – 01FCh
in steps of 4h
Any
[00h - 7Fh]
Current
CPU
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com