Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 239 page
background image
ST10F276Z5
Internal Flash memory
31/239
SER
Sector erase
This bit must be set to select the Sector Erase operation in the Flash modules. The
Sector Erase operation allows to erase all the Flash locations to 0xFF. From 1 to all the
sectors of the same Bank (excluded Test-Flash for Bank B0) can be selected to be
erased through bits BxFy of FCR1H/L registers before starting the execution by setting
bit WMS. It is not necessary to pre-program the sectors to 0x00, because this is done
automatically. SER bit is automatically reset at the end of the Sector Erase operation.
DWPG
Double word program
This bit must be set to select the Double Word (64 bits) Program operation in the Flash
modules. The Double Word Program operation allows to program 0s in place of 1s.
The Flash Address in which to program (aligned with even words) must be written in
the FARH/L registers, while the 2 Flash Data to be programmed must be written in the
FDR0H/L registers (even word) and FDR1H/L registers (odd word) before starting the
execution by setting bit WMS. DWPG bit is automatically reset at the end of the
Double Word Program operation.
WPG
Word program
This bit must be set to select the Word (32 bits) Program operation in the Flash
modules. The Word Program operation allows to program 0s in place of 1s. The Flash
Address to be programmed must be written in the FARH/L registers, while the Flash
Data to be programmed must be written in the FDR0H/L registers before starting the
execution by setting bit WMS. WPG bit is automatically reset at the end of the Word
Program operation.
SUSP
Suspend
This bit must be set to suspend the current Program (Word or Double Word) or Sector
Erase operation in order to read data in one of the Sectors of the Bank under
modification or to program data in another Bank. The Suspend operation resets the
Flash Bank to normal read mode (automatically resetting bits BSYx). When in
Program Suspend, the two Flash modules accept only the following operations: Read
and Program Resume. When in Erase Suspend the modules accept only the following
operations: Read, Erase Resume and Program (Word or Double Word; Program
operations cannot be suspended during Erase Suspend). To resume the suspended
operation, the WMS bit must be set again, together with the selection bit
corresponding to the operation to resume (WPG, DWPG, SER).
Note: It is forbidden to start a new Write operation with bit SUSP already set.
WMS
Write mode start
This bit must be set to start every write operation in the Flash modules. At the end of
the write operation or during a Suspend, this bit is automatically reset. To resume a
suspended operation, this bit must be set again. It is forbidden to set this bit if bit ERR
of FER is high (the operation is not accepted). It is also forbidden to start a new write
(program or erase) operation (by setting WMS high) when bit SUSP of FCR0 is high.
Resetting this bit by software has no effect.
Table 8.
Flash control register 0 high (continued)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com