Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 35Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 239 page
background image
Internal Flash memory
ST10F276Z5
32/239
4.4.3
Flash control register 1 low
The Flash control register 1 low (FCR1L), together with Flash control register 1 high
(FCR1H), is used to select the sectors to erase, or during any write operation to monitor the
status of each sector of the module selected by SMOD bit of FCR0H. First diagram shows
FCR1L meaning when SMOD=0; the second one when SMOD=1.
FCR1L (0x0E 0004) SMOD=0
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
Reserved
B2F2 B2F1 B2F0
RS
RS
RS
FCR1L (0x0E 0004) SMOD=1
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
Reserved
B0F9 B0F8 B0F7 B0F6 B0F5 B0F4 B0F3 B0F2 B0F1 B0F0
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
Table 9.
Flash control register 1 low
Bit
Function
SMOD=0 (XFLASH selected)
B2F(2:0)
Bank 2 XFLASH sector 2:0 status
These bits must be set during a Sector Erase operation to select the sectors to erase
in bank 2. Besides, during any erase operation, these bits are automatically set and
give the status of the 3 sectors of bank 2 (B2F2-B2F0). The meaning of B2Fy bit for
sector y of bank 2 is given by the next Table 11. These bits are automatically reset at
the end of a write operation if no errors are detected.
SMOD=1 (IFLASH selected)
B0F(9:0)
Bank 0 IFLASH sector 9:0 status
These bits must be set during a Sector Erase operation to select the sectors to erase
in bank 0. Besides, during any erase operation, these bits are automatically set and
give the status of the 10 sectors of bank 0 (B0F9-B0F0). The meaning of B0Fy bit for
sector y of bank 0 is given by the next Table 11. These bits are automatically reset at
the end of a Write operation if no errors are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com