Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 239 page
background image
ST10F276Z5
Internal Flash memory
27/239
The table above refers to the configuration when bit ROMS1 of SYSCON register is set.
When Bootstrap mode is entered:
●
Test-Flash is seen and available for code fetches (address 00’0000h)
●
User IFlash is only available for read and write accesses
●
Write accesses must be made with addresses starting in segment 1 from 01'0000h,
whatever ROMS1 bit in SYSCON value
●
Read accesses are made in segment 0 or in segment 1 depending of ROMS1 value.
In Bootstrap mode, by default ROMS1 = 0, so the first 32KBytes of IFlash are mapped in
segment 0.
Example: In default configuration, to program address 0, user must put the value 01'0000h
in the FARL and FARH registers, but to verify the content of the address 0 a read to
00'0000h must be performed.
Table 6 shows the control register interface composition: this set of registers can be
addressed by the CPU.
Table 5.
Flash modules sectorization (write operations or with roms1=’1’)
Bank
Description
Addresses
Size
ST10 Bus
size
B0
Bank 0 Test-Flash (B0TF)
0x0000 0000 - 0x0000 1FFF
8 KB
32-bit (I-BUS)
Bank 0 Flash 0 (B0F0)
0x0001 0000 - 0x0001 1FFF
8 KB
Bank 0 Flash 1 (B0F1)
0x0001 2000 - 0x0001 3FFF
8 KB
Bank 0 Flash 2 (B0F2)
0x0001 4000 - 0x0001 5FFF
8 KB
Bank 0 Flash 3 (B0F3)
0x0001 6000 - 0x0001 7FFF
8 KB
Bank 0 Flash 4 (B0F4)
0x0001 8000 - 0x0001 FFFF
32 KB
Bank 0 Flash 5 (B0F5)
0x0002 0000 - 0x0002 FFFF
64 KB
Bank 0 Flash 6 (B0F6)
0x0003 0000 - 0x0003 FFFF
64 KB
Bank 0 Flash 7 (B0F7)
0x0004 0000 - 0x0004 FFFF
64 KB
Bank 0 Flash 8 (B0F8)
0x0005 0000 - 0x0005 FFFF
64 KB
Bank 0 Flash 9 (B0F9)
0x0006 0000 - 0x0006 FFFF
64 KB
B1
Bank 1 Flash 0 (B1F0)
0x0007 0000 - 0x0007 FFFF
64 KB
Bank 1 Flash 1 (B1F1)
0x0008 0000 - 0x0008 FFFF
64 KB
B2
Bank 2 Flash 0 (B2F0)
0x0009 0000 - 0x0009 FFFF
64 KB
16-bit
(X-BUS)
Bank 2 Flash 1 (B2F1)
0x000A 0000 - 0x000A FFFF
64 KB
Bank 2 Flash 2 (B2F2)
0x000B 0000 - 0x000B FFFF
64 KB
B3
Bank 3 Flash 0 (B3F0)
0x000C 0000 - 0x000C FFFF
64 KB
Bank 3 Flash 1 (B3F1)
0x000D 0000 - 0x000D FFFF
64 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com