Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 82Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 83Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 84Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 85Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 86Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 87Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 88Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 89Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 239 page
background image
General purpose timer unit
ST10F276Z5
86/239
Figure 17.
Block diagram of GPT1
Table 48.
GPT1 timer input frequencies, resolutions and periods at 64 MHz
fCPU = 64 MHz
Timer Input Selection T2I / T3I / T4I
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler factor
8
16
32
64
128
256
512
1024
Input Freq
8 MHz
4 MHz
2 MHz
1 kHz
500 kHz
250 kHz
128 kHz
64 kHz
Resolution
125 ns
250 ns
0.5 µs
1.0 µs
2.0 µs
4.0 µs
8.0 µs
16.0 µs
Period maximum
8.2 ms
16.4 ms
32.8 ms
65.5 ms
131.1 ms
262.1 ms
524.3 ms
1.049 s
2n n=3...10
2n n=3...10
2n n=3...10
T2EUD
T2IN
CPU Clock
CPU Clock
CPU Clock
T3IN
T4IN
T3EUD
T4EUD
GPT1 Timer T2
GPT1 Timer T3
GPT1 Timer T4
T3OTL
Reload
Capture
U/D
U/D
Reload
Capture
Interrupt
Request
Interrupt
Request
Interrupt
Request
T3OUT
U/D
T2
Mode
Control
T3
Mode
Control
T4
Mode
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com