Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 62Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 63Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 64Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 239 page
background image
ST10F276Z5
Bootstrap loader
61/239
mode. Most probably the initially loaded routine will load additional code or data, as an
average application is likely to require substantially more than 64 instructions. This second
receive loop may directly use the pre-initialized CAN interface to receive data and store it in
arbitrary user-defined locations.
This second level of loaded code may be
●
the final application code
●
another, more sophisticated, loader routine that adds a transmission protocol to
enhance the integrity of the loaded code or data
●
a code sequence to change the system configuration and enable the bus interface to
store the received data into external memory
This process may go through several iterations or may directly execute the final application.
In all cases the ST10F276Z5 still runs in BSL mode, that is, with the watchdog timer
disabled and limited access to the internal Flash area. All code fetches from the internal
Flash area (01’0000H ...08’FFFFH) are redirected to the special Test-Flash. Data read
operations will access the internal Flash of the ST10F276Z5.
5.4.5
Choosing the baud rate for the BSL via CAN
The Bootstrap via CAN acts the same way as in the UART bootstrap mode. When the
ST10F276Z5 is started in BSL mode, it polls the RxD0 and CAN1_RxD lines. When polling
a low level on one of these lines, a timer is launched that is stopped when the line returns to
high level.
For CAN communication, the algorithm is made to receive a zero frame, that is, the standard
identifier is 0x0, DLC is 0. This frame produces the following levels on the network: 5D, 1R,
5D, 1R, 5D, 1R, 5D, 1R, 5D, 1R, 4D, 1R, 1D, 11R. The algorithm lets the timer run until the
detection of the 5th recessive bit. This way the bit timing is calculated over the duration of 29
bit times: This minimizes the error introduced by the polling.
Figure 12.
Bit rate measurement over a predefined zero-frame
........
Start
Stuff bit
Stuff bit
Stuff bit
Stuff bit
Measured time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com