Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 55Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 61Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 62Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 239 page
background image
ST10F276Z5
Bootstrap loader
59/239
The Bootstrap Loader can load
●
the complete application software into ROM-less systems,
●
temporary software into complete systems for testing or calibration,
●
a programming routine for Flash devices.
The BSL mechanism may be used for standard system start-up as well as for only special
occasions like system maintenance (firmware update) or end-of-line programming or
testing.
5.4.2
Entering the CAN bootstrap loader
The ST10F276Z5 enters BSL mode if pin P0L.4 is sampled low at the end of a hardware
reset. In this case, the built-in bootstrap loader is activated independently of the selected
bus mode. The bootstrap loader code is stored in a special Test-Flash; no part of the
standard mask ROM or Flash memory area is required for this.
After entering BSL mode and the respective initialization, the device scans the CAN1_TxD
line to receive the following initialization frame:
●
Standard identifier = 0h
●
DLC = 0h
As all the bits to be transmitted are dominant bits, a succession of 5 dominant bits and 1
stuff bit on the CAN network is used. From the duration of this frame, it calculates the
corresponding baud rate factor with respect to the current CPU clock, initializes the CAN1
interface accordingly, switches pin CAN1_TxD to output and enables the CAN1 interface to
take part in the network communication. Using this baud rate, a Message Object is
configured in order to send an acknowledge frame. The device does not send this Message
Object but the host can request it by sending a remote frame.
The acknowledge frame is the following for the ST10F276Z5:
●
Standard identifier = E6h
●
DLC = 3h
●
Data0 = D5h, that is, generic acknowledge of the ST10 devices
●
Data1 = IDCHIP least significant byte
●
Data2 = IDCHIP most significant byte
For the ST10F276Z5, IDCHIP is set to 114Xh.
Note:
Two behaviors can be distinguished in ST10 acknowledging to the host. If the host is
behaving according to the CAN protocol, as at the beginning the ST10 CAN is not
configured, the host is alone on the CAN network and does not receive an acknowledge. It
automatically sends again the zero frame. As soon as the ST10 CAN is configured, it
acknowledges the zero frame. The “acknowledge frame” with identifier 0xE6 is configured,
but the Transmit Request is not set. The host can request this frame to be sent and therefore
obtains the IDCHIP by sending a remote frame.
Hint: As the IDCHIP is sent in the acknowledge frame, Flash programming software now
can immediately identify the exact type of device to be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com