Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 48Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 49Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 50Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 51Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 52Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 53Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 54Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 239 page
background image
ST10F276Z5
Bootstrap loader
51/239
5.2.3
Booting steps
As Figure 6 shows, booting the device with the boot loader code occurs in a minimum of four
steps:
1.
The device is reset with P0L.4 low.
2.
The internal new bootstrap code runs on the ST10 and a first level user code is
downloaded from the external device, via the selected serial link (UART0 or CAN1).
The bootstrap code is contained in the device Test-Flash and is automatically run when
the device is reset with P0L.4 low. After loading a preselected number of bytes, the
ST10F276Z5 begins executing the downloaded program.
3.
The first level user code runs on the ST10F276Z5. Typically, this first level user code is
another loader that downloads the application software into the device.
4.
The loaded application software is now running.
Figure 6.
Booting steps for ST10F276Z5
5.2.4
Hardware to activate BSL
The hardware that activates the BSL during reset may be a simple pull-down resistor on
P0L.4 for systems that use this feature at every hardware reset. For systems that use the
bootstrap loader only temporarily, it may be preferable to use a switchable solution (via
jumper or an external signal).
Note:
CAN alternate function on Port4 lines is not activated if the user has selected eight address
segments (Port4 pins have three functions: I/O port, address segment and CAN). Boot via
CAN requires that four or less address segments are selected.
External device
External device
External device
External device
Run bootstrap code
Run first level code
Run application code
Step 1
Step 2
Step 3
Step 4
Download
First level user code
Download
Application
Entering bootstrap
Loading first level user code
Loading the application
and exiting BSL
ST10F276Z5
from Test-Flash
from DPRAM @ FA40h
ST10F276Z5
ST10F276Z5
ST10F276Z5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com