Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5Q3 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 44Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 48Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 49Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 50Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 51Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 239 page
background image
Bootstrap loader
ST10F276Z5
48/239
5.2
Standard bootstrap loader
The built-in bootstrap loader of the ST10F276Z5 provides a mechanism to load the startup
program, which is executed after reset, via the serial interface. In this case no external
(ROM) memory or an internal ROM is required for the initialization code starting at location
00’0000H. The bootstrap loader moves code/data into the IRAM but it is also possible to
transfer data via the serial interface into an external RAM using a second level loader
routine. ROM memory (internal or external) is not necessary. However, it may be used to
provide lookup tables or may provide “core-code”, that is, a set of general purpose
subroutines, such as for I/O operations, number crunching or system initialization.
The Bootstrap Loader can load
●
The complete application software into ROMless systems,
●
Temporary software into complete systems for testing or calibration,
●
A programming routine for Flash devices.
The BSL mechanism may be used for standard system start-up as well as for only special
occasions like system maintenance (firmware update) or end-of-line programming or
testing.
5.2.1
Entering the standard bootstrap loader
As with the old ST10 bootstrap mode, the ST10F276Z5 enters BSL mode if pin P0L.4 is
sampled low at the end of a hardware reset. In this case, the built-in bootstrap loader is
activated independently of the selected bus mode. The bootstrap loader code is stored in a
special Test-Flash; no part of the standard Flash memory area is required for this.
After entering BSL mode and the respective initialization, the ST10F276Z5 scans the RxD0
line and the CAN1_RxD line to receive either a valid dominant bit from the CAN interface or
a start condition from the UART line.
Start condition on UART RxD
The ST10F276Z5 starts the standard bootstrap loader. This bootstrap loader is identical to
other ST10 devices (Examples: ST10F269, ST10F168). See paragraph 5.3 for details.
Table 29.
ST10F276Z5 boot mode selection
P0.5
P0.4
ST10 decoding
1
1
User mode: User Flash mapped at 00’0000h
10
Standard bootstrap loader: User Flash mapped from 00’0000h; code fetches
redirected to Test-Flash at 00’0000h
0
1
Alternate boot mode: Flash mapping depends on signatures integrity check
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com