Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 102Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
103
IP39 Setup time for wait signal Tswait
—
—
—
—
IP47 Read time point
Tdrp
Tdrp – 1.24
Tdrp
Tdrp+1.24
ns
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
2Display period value for read
ACCESS_SIZE is predefined in REGISTER.
3Display period value for write
ACCESS_SIZE is predefined in REGISTER.
4Display control down for CS
DISP_DOWN is predefined in REGISTER.
5Display control up for CS
DISP_UP is predefined in REGISTER.
6Display control down for RS
DISP_DOWN is predefined in REGISTER.
7Display control up for RS
DISP_UP is predefined in REGISTER.
8Display control down for read
DISP_DOWN is predefined in REGISTER.
Table 61. Asynchronous Parallel Interface Timing Parameters (Access Level) (continued)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
Tdicpr
T
DI_CLK
ceil
×
DI_ACCESS_SIZE_#
DI_CLK_PERIOD
-----------------------------------------------------
=
Tdicpw
T
DI_CLK
ceil
×
DI_ACCESS_SIZE_#
DI_CLK_PERIOD
-----------------------------------------------------
=
Tdicdcs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicucs
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdrs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicurs
1
2
---T
DI_CLK
ceil
×
2DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdr
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com