Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 103Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
107
4.7.8.9.1
Asynchronous Serial Interface Timing Parameters
Figure 59 depicts timing of the serial interface. Table 62 shows timing characteristics at display access
level.
Figure 59. Asynchronous Serial Interface Timing Diagram
Table 62. Asynchronous Serial Interface Timing Characteristics (Access Level)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
IP48 Read system cycle time
Tcycr
Tdicpr–1.24
Tdicpr2
Tdicpr+1.24
ns
IP49 Write system cycle time
Tcycw
Tdicpw–1.24
Tdicpw3
Tdicpw+1.24
ns
IP50 Read clock low pulse width
Trl
Tdicdr–Tdicur–1.24
Tdicdr4–Tdicur5
Tdicdr–Tdicur+1.24
ns
IP51 Read clock high pulse width
Trh
Tdicpr–Tdicdr+Tdicur–
1.24
Tdicpr–Tdicdr+
Tdicur
Tdicpr–Tdicdr+Tdicur+
1.24
ns
DI clock
IPP_DISPB_DO_SD_D
IPP_DO_DISPB_SER_CS
IPP_DO_DISPB_SER_RS
IPP_DO_DISPB_SD_D_CLK
IPP_IND_DISPB_SD_D
IP68
IP48, IP49, IP62, IP63
IP51,53
IP55, IP57,
IP54, IP56,
IP65, IP67
IP60,
IP58
IP59
IP50, IP52
IP64, IP66
IP61
IP69
IP70
IP71
IP72
IP73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com