Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 104Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 105Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 106Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 107Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 108Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 109Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 110Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 111Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
108
Freescale Semiconductor
Electrical Characteristics
IP52 Write clock low pulse width
Twl
Tdicdw – Tdicuw – 1.24
Tdicdw6 –Tdicuw
7
Tdicdw – Tdicuw+1.24
ns
IP53 Write clock high pulse width
Twh
Tdicpw – Tdicdw +
Tdicuw – 1.24
Tdicpw–Tdicdw+
Tdicuw
Tdicpw – Tdicdw+
Tdicuw+1.24
ns
IP54 Controls setup time for read
Tdcsr
Tdicur–1.24
Tdicur
—
ns
IP55 Controls hold time for read
Tdchr
Tdicpr – Tdicdr – 1.24
Tdicpr – Tdicdr
—
ns
IP56 Controls setup time for write Tdcsw
Tdicuw – 1.24
Tdicuw
—
ns
IP57 Controls hold time for write
Tdchw
Tdicpw – Tdicdw – 1.24
Tdicpw–Tdicdw
—
ns
IP58 Slave device data delay8
Tracc
0
—
Tdrp9 –Tlbd10 –Tdicur
–
1.24
ns
IP59 Slave device data hold time8 Troh
Tdrp – Tlbd – Tdicdr+1.24
—
Tdicpr – Tdicdr – 1.24
ns
IP60 Write data setup time
Tds
Tdicdw – 1.24
Tdicdw
—
ns
IP61 Write data hold time
Tdh
Tdicpw – Tdicdw – 1.24
Tdicpw – Tdicdw
—
ns
IP62 Read period
Tdicpr
Tdicpr – 1.24
Tdicpr
Tdicpr+1.24
ns
IP63 Write period
Tdicpw
Tdicpw – 1.24
Tdicpw
Tdicpw+1.24
ns
IP64 Read down time
Tdicdr
Tdicdr – 1.24
Tdicdr
Tdicdr+1.24
ns
IP65 Read up time
Tdicur
Tdicur – 1.24
Tdicur
Tdicur+1.24
ns
IP66 Write down time
Tdicdw
Tdicdw – 1.24
Tdicdw
Tdicdw+1.24
ns
IP67 Write up time
Tdicuw
Tdicuw – 1.24
Tdicuw
Tdicuw+1.24
ns
IP68 Read time point
Tdrp
Tdrp – 1.24
Tdrp
Tdrp+1.24
ns
IP69 Clock offset11
Toclk
Toclk – 1.24
Toclk
Toclk+1.24
ns
IP70 RS up time12
Tdicurs
Tdicurs– 1.24
Tdicurs
Tdicurs+1.24
ns
IP71 RS down time13
Tdicdrs
Tdicdrs – 1.24
Tdicdrs
Tdicdrs+1.24
ns
IP72 CS up time14
Tdicucs Tdicucs – 1.24
Tdicucs
Tdicucs+1.24
ns
IP73 CS down time15
Tdicdcs Tdicdcs – 1.24
Tdicdcs
Tdicdcs+1.24
ns
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
2Display interface clock period value for read
3Display interface clock period value for write
Table 62. Asynchronous Serial Interface Timing Characteristics (Access Level) (continued)
ID
Parameter
Symbol
Min
Typ1
Max
Unit
Tdicpr
T
DI_CLK
ceil
×
DISP#_IF_CLK_PER_RD
DI_CLK_PERIOD
----------------------------------------------------------------
=
Tdicpw
T
DI_CLK
ceil
×
DISP#_IF_CLK_PER_WR
DI_CLK_PERIOD
------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com