Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 163Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 164Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 165Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
162
Freescale Semiconductor
Package Information and Contact Assignments
DRAM_D0
H20
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[0]
Output
High
DRAM_D1
G21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[1]
Output
High
DRAM_D10
E22
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[10
]
Output
High
DRAM_D11
D20
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[11
]
Output
High
DRAM_D12
E23
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[12
]
Output
High
DRAM_D13
C23
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[13
]
Output
High
DRAM_D14
F23
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[14
]
Output
High
DRAM_D15
C22
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[15
]
Output
High
DRAM_D16
U20
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[16
]
Output
High
DRAM_D17
T21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[17
]
Output
High
DRAM_D18
U21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[18
]
Output
High
DRAM_D19
R21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[19
]
Output
High
DRAM_D2
J21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[2]
Output
High
DRAM_D20
U23
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[20
]
Output
High
DRAM_D21
R22
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[21
]
Output
High
DRAM_D22
U22
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[22
]
Output
High
DRAM_D23
R23
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[23
]
Output
High
DRAM_D24
Y20
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[24
]
Output
High
DRAM_D25
W21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_D[25
]
Output
High
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Package Pin
Name
Package
Pin
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Directio
n
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com