Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 160 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 163Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
160
Freescale Semiconductor
Package Information and Contact Assignments
DI0_DISP_CL
K
H4
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[16]
Input
100 K
Ω PU
DI0_PIN15
E4
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[17]
Input
100 K
Ω PU
DI0_PIN2
D3
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[18]
Input
100 K
Ω PU
DI0_PIN3
C2
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[19]
Input
100 K
Ω PU
DI0_PIN4
D2
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[20]
Input
100 K
Ω PU
DISP0_DAT0
J5
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[21]
Input
100 K
Ω PD
DISP0_DAT1
J4
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[22]
Input
100 K
Ω PD
DISP0_DAT10
G3
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[31]
Input
100 K
Ω PU
DISP0_DAT11
H5
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[5]
Input
100 K
Ω PD
DISP0_DAT12
H1
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[6]
Input
100 K
Ω PU
DISP0_DAT13
E1
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[7]
Input
100 K
Ω PU
DISP0_DAT14
F2
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[8]
Input
100 K
Ω PU
DISP0_DAT15
F3
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[9]
Input
100 K
Ω PU
DISP0_DAT16
D1
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[10]
Input
100 K
Ω PU
DISP0_DAT17
F5
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[11]
Input
100 K
Ω PU
DISP0_DAT18
G4
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[12]
Input
100 K
Ω PU
DISP0_DAT19
G5
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[13]
Input
100 K
Ω PU
DISP0_DAT2
H2
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[23]
Input
100 K
Ω PD
DISP0_DAT20
F4
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[14]
Input
100 K
Ω PU
DISP0_DAT21
C1
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[15]
Input
100 K
Ω PU
DISP0_DAT22
E3
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[16]
Input
100 K
Ω PU
DISP0_DAT23
C3
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[17]
Input
100 K
Ω PU
DISP0_DAT3
F1
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[24]
Input
100 K
Ω PD
DISP0_DAT4
G2
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[25]
Input
100 K
Ω PD
DISP0_DAT5
H3
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[26]
Input
100 K
Ω PD
DISP0_DAT6
G1
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[27]
Input
100 K
Ω PD
DISP0_DAT7
H6
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[28]
Input
100 K
Ω PD
DISP0_DAT8
G6
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[29]
Input
100 K
Ω PU
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Package Pin
Name
Package
Pin
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Directio
n
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com