Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 180 page
background image
Package Information and Contact Assignments
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
157
The following notes apply to Figure 102, Figure 103, and Figure 104.
1. All dimensions are in milimeters.
2. Dimensions and tolerencing per ASME Y14.5M1–994.
6.1.2
19 x 19 mm Signal Assignments, Power Rails, and I/O
Table 111 shows the device connection list for ground, power, sense, and reference contact signals.
Table 112 displays an alpha-sorted list of the signal assignments including associated power supplies. The
table also includes out of reset pad state. Table 113 shows the package ball map.
6.1.2.1
19 x 19 mm Ground, Power, Sense, and Reference Contact Assignments
Table 111 shows the device connection list for ground, power, sense, and reference contact signals
alpha-sorted by name.
Table 111. 19 x 19 mm Ground, Power, Sense, and Reference Contact Assignments
Package Pin Name
Package Pin Assignment(s)
DDR_VREF
L17
GND
A1, A11, A13, A18, A2, A22, A23, AA11, AA15, AA20, AA21, AB1, AB18, AB2, AB22, AB23,
AC1, AC18, AC2, AC22, AC23, B1, B11, B13, B18, B23, C12, C20, C21, D19, E19, F19, F20,
F21, F22, G19, G7, H10, H12, H8, J11, J13, J15, J17, J20, J9, K10, K12, K14, K16, K21, K8,
L11, L13, L15, L7, L9, M10, M12, M14, M16, M8, N11, N13, N15, N9, P10, P12, P14, P16,
P21, P7, P8, R11, R13, R15, R17, R20, R9, T10, T14, T16, T8, U15, U19, V15, V18, V19,
V20, V21, V22, W19, Y14, Y15, Y19
NVCC_CKIH
G17
NVCC_CSI
R7
NVCC_EIM_MAIN
U10, U9
NVCC_EIM_SEC
U7
NVCC_EMI_DRAM
H18, K17, N17, P17, T18
NVCC_FEC
F11
NVCC_GPIO
F8
NVCC_JTAG
G9
NVCC_KEYPAD
F7
NVCC_LCD
J6, J7
NVCC_LVDS
U13
NVCC_LVDS_BG
U14
NVCC_NANDF
T12
NVCC_PATA
N7
NVCC_RESET
H16
NVCC_SD1
H15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com