Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 151Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 152Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 180 page
background image
Package Information and Contact Assignments
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
155
6
Package Information and Contact Assignments
This section includes the contact assignment information and mechanical package drawing.
6.1
19x19 mm Package Information
This section contains the outline drawing, signal assignment map, ground/power reference ID (by ball grid
location) for the 19
× 19 mm, 0.8 mm pitch package.
6.1.1
Case TEPBGA-2, 19 x 19 mm, 0.8 mm Pitch, 23 x 23 Ball Matrix
Figure 102 shows the top view of the 19
×19 mm package, Figure 103 shows the bottom view and the ball
location (529 solder balls) of the 19
×19 mm package, and Figure 104 shows the side view of the 19×19
mm package.
Figure 102. 19 x 19 mm Package Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com