Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 147Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 148Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 149Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 150Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 151Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 152Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
151
4.7.20.4
USB PHY Voltage Thresholds
Table 104 lists the USB PHY voltage thresholds.
4.7.20.5
USB PHY Termination
USB driver impedance in FS and HS modes is 45 Ω ±10% (steady state). No external resistors required.
4.8
XTAL and CKIL Electricals
Table 105 shows the XTALOSC electrical specifications.
WARNING
Due to XTALOSC automatic level controller, the power consumption
depends heavily on the working frequency, C-load and crystal quality. The
above results are achieved at a frequency 24 MHz, 10 pF load capacitor,
7 pF crystal shunt capacitor and 80 Ω ESR.
Table 106 shows the XTALOSC_32K electrical specifications.
Table 107 shows the CKIL electrical specifications.
Table 104.
VBUS Comparators Thresholds
Parameter
Conditions
Min
Typ
Max
Unit
A-Device Session Valid
—
0.8
1.4
2.0
V
B-Device Session Valid
—
0.8
1.4
4.0
V
B-Device Session End
—
0.2
0.45
0.8
V
VBUS Valid Comparator Threshold1
1 For VBUS maximum rating, see Table 4 on page 18
—4.4
4.6
4.75
V
Table 105. XTALOSC Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
22
24
27
MHz
Table 106. XTALOSC_32K Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
--
32.768/32.01
1 Recommended nominal frequency 32.768 kHz.
--
kHz
Table 107. CKIL Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
16
32.768
50
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com