Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 146Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 147Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 148Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 149Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 150Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 151Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 152Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
150
Freescale Semiconductor
Electrical Characteristics
4.7.20.2
USB PHY Additional Electrical Parameters
Table 102 lists the parameters for additional electrical characteristics for USB PHY.
4.7.20.3
USB PHY System Clocking (SYSCLK)
Table 103 lists the USB PHY system clocking parameters.
Table 101. USB PHY AC Timing Parameters
Parameter
Conditions
Min
Typ
Max
Unit
trise
1.5 Mbps
12 Mbps
480 Mbps
75
4
0.5
—300
20
ns
tfall
1.5 Mbps
12 Mbps
480 Mbps
75
4
0.5
—300
20
ns
Jitter
1.5 Mbps
12 Mbps
480 Mbps
——
10
1
0.2
ns
Table 102. Additional Electrical Characteristics for USB PHY
Parameter
Conditions
Min
Typ
Max
Unit
Vcm DC
(dc level measured at receiver connector)
HS Mode
LS/FS Mode
–0.05
0.8
—0.5
2.5
V
Crossover Voltage
LS Mode
FS Mode
1.3
1.3
—2
2
V
Power supply ripple noise
(analog 3.3 V)
<160 MHz
–50
0
50
mV
Power supply ripple noise
(analog 2.5 V)
<1.2 MHz
>1.2 MHz
–10
–50
0
0
10
50
mV
Power supply ripple noise
(Digital 1.2 V)
All conditions
–50
0
50
mV
Table 103. USB PHY System Clocking Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Clock deviation
Reference Clock
frequency 24 MHz
–150
—
150
ppm
Rise/fall time
—
—
—
200
ps
Jitter (peak-peak)
< 1.2 MHz
0
—
50
ps
Jitter (peak-peak)
> 1.2 MHz
0
—
100
ps
Duty-cycle
Reference Clock
frequency 24 MHz
40
—
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com