Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 150Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 151Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 152Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
154
Freescale Semiconductor
Boot Mode Configuration
5.3
Power setup during Boot
By default, VDD_DIG_PLL is driven from internal on-die 1.2 V linear regulator (LDO). In order to
achieve the standard operating mode (see VDD_DIG_PLL on Table 6), LDO output to VDD_DIG_PLL
should be configured by software by boot code after power-up to 1.3 V output. This is done by
programming the PLL1P2_VREG bits.
EIM
EIM
EIM
• Lower 16 bit data bus A/D
multiplexed or upper 16 bit data bus
non multiplexed
• Only CS0 is supported.
NAND Flash
EXTMC
NAND
• 8/16 bit
• NAND data can be muxed either over
EIM data or PATA data
• Only CS0 is supported
SD/MMC
eSDHCv2-1
PATA_DATA[11:8], SD1_DATA[3:0], SD1_CMD,
SD1_CLK
1, 4 or 8 bit
SD/MMC
eSDHCv2-2
PATA_DATA[15:12], SD2_CLK, SD2_CMD,
SD2_DATA[3:0]
1, 4 or 8 bit
SD/MMC
eSDHCv3-3
PATA_RESET_B, PATA_IORDY, PATA_DA_0,
PATA_DATA[3:0], PATA_DATA[11:8]
1, 4 or 8 bit
SD/MMC
eSDHCv2-4
PATA_DA1, PATA_DA_2, PATA_DATA[7:4],
PATA_DATA[15:12]
1, 4 or 8 bit
I2C
I2C-1
EIM_D21, EIM_D28
—
I2C
I2C-2
EIM_D16, EIM_EB2
—
I2C
I2C-3
EIM_D[18:17]
—
PATA
PATA
PATA_DIOW, PATA_DMACK, PATA_DMARQ,
PATA_BUFFER_EN, PATA_INTRQ, PATA_DIOR,
PATA_RESET_B, PATA_IORDY, PATA_DA_[2:0],
PATA_CS_[1:0], PATA_DATA[15:0]
—
SATA
SATA_PHY
SATA_TXM, SATA_TXP, SATA_RXP, SATA_RXM,
SATA_REXT, SATA_REFCLKM, SATA_REFCLKP
—
UART
UARTv2-1
CSI0_DAT[11:10]
RXD/TXD only
UART
UARTv2-2
PATA_DMARQ, PATA_BUFFER_EN
RXD/TXD only
UART
UARTv2-3
EIM_D24, EIM_D25
RXD/TXD only
UART
UARTv2-4
CSI0_DAT[13:12]
RXD/TXD only
UART
UARTv2-5
CSI0_DAT[15:14]
RXD/TXD only
USB
USB-OTG
PHY
USB_H1_GPANAIO
USB_H1_RREFEXT
USB_H1_DP
USB_H1_DN
USB_H1_VBUS
—
Table 110. Interfaces Allocation During Boot (continued)
Interface
IP Instance
Allocated Pads During Boot
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com