Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 148Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 149Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 150Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 151Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 152Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 180 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
152
Freescale Semiconductor
Boot Mode Configuration
4.9
Integrated LDO Voltage Regulators Parameters
The PLL supplies VDD_DIG_PLL and VDD_ANA_PLL can be powered ON from internal LDO voltage
regulator (default case). In this case VDD_REG is used as internal regulator’s power source. The
regulator’s output can be used as a supply for other domains such as VDDA and VDDAL1.
Table 108 shows the VDD_DIG_PLL and VDD_ANA_PLL Integrated Voltage Regulators Parameters.
5
Boot Mode Configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot Mode Configuration Pins
Table 109 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, see i.MX53 Fuse Map
document and System Boot chapter in i.MX53 Reference Manual.
Table 108. LDO Voltage Regulators Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Units
VDD_DIG_PLL functional Voltage
Range1
1
VDD_DIG_PLL and VDD_ANA_PLL voltages are programmable, but should not be set outside the target functional range
for proper PLL operation.
VVID_DIG_PLL
1.15
1.2
1.3
V
VDD_ANA_PLL functional Voltage
Range1
VVDD_ANA_PLL
1.7
1.8
1.95
V
VDD_DIG_PLL and VDD_ANA_PLL
accuracy
——
—
+/–3
%
VDD_DIG_PLL power-supply rejection
ratio2
2 The gain or attenuation from the input supply variation to the output of the LDO (by design).
——
–18
—
dB
VDD_ANA_PLL power-supply rejection
ratio2
——
–15
—
dB
Output current3
3 The limitation is for sum of the VDD_DIG_PLL and VDD_ANA_PLL current.
IVID_DIG_PLL+
IVDD_ANA_PLL
—
—
125
mA
Table 109. Fuses and Associated Pins Used for Boot
Pin
Direction at
Reset
E-Fuse Name
Details
BOOT_MODE[1]
Input
N/A
Boot Mode selection
BOOT_MODE[0]
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com