Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX536AVV8B Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8B
Description  i.MX53xA Automotive and Infotainment Applications Processors
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8B Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8B Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 160Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 161Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 162Page - Freescale Semiconductor, Inc PCIMX536AVV8B Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 180 page
background image
Package Information and Contact Assignments
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
159
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O
Package Pin
Name
Package
Pin
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Directio
n
Config./
Value
BOOT_MODE
0
C18
NVCC_RESET
LVIO
ALT0
SRC
src_BOOT_MOD
E[0]
Input
100 K
Ω PD
BOOT_MODE
1
B20
NVCC_RESET
LVIO
ALT0
SRC
src_BOOT_MOD
E[1]
Input
100 K
Ω PD
CKIH1
B21
NVCC_CKIH
ANALOG
ALT0
CAMP-
1
camp1_CKIH
Input
Analog
CKIH2
D18
NVCC_CKIH
ANALOG
ALT0
CAMP-
2
camp2_CKIH
Input
Analog
CKIL
AB10
NVCC_SRTC_POW
ANALOG
—
SRCT
CKIL
—
—
CSI0_DAT10
R5
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[28]
Input
100 K
Ω PU
CSI0_DAT11
T2
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[29]
Input
100 K
Ω PU
CSI0_DAT12
T3
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[30]
Input
360 K
Ω PD
CSI0_DAT13
T6
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[31]
Input
360 K
Ω PD
CSI0_DAT14
U1
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[0]
Input
360 K
Ω PD
CSI0_DAT15
U2
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[1]
Input
360 K
Ω PD
CSI0_DAT16
T4
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[2]
Input
360 K
Ω PD
CSI0_DAT17
T5
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[3]
Input
360 K
Ω PD
CSI0_DAT18
U3
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[4]
Input
360 K
Ω PD
CSI0_DAT19
U4
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[5]
Input
360 K
Ω PD
CSI0_DAT4
R1
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[22]
Input
100 K
Ω PU
CSI0_DAT5
R2
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[23]
Input
360 K
Ω PD
CSI0_DAT6
R6
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[24]
Input
100 K
Ω PU
CSI0_DAT7
R3
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[25]
Input
100 K
Ω PU
CSI0_DAT8
T1
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[26]
Input
100 K
Ω PU
CSI0_DAT9
R4
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[27]
Input
360 K
Ω PD
CSI0_DATA_E
N
P3
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[20]
Input
100 K
Ω PU
CSI0_MCLK
P2
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[19]
Input
100 K
Ω PU
CSI0_PIXCLK
P1
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[18]
Input
100 K
Ω PU
CSI0_VSYNC
P4
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[21]
Input
100 K
Ω PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com