Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 34Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 35Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 36Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 37Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 38Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 39Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 40Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 41Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
3.2.19 General-Purpose Input/Output (GPIO) Multiplexer
Most of the peripheral signals are multiplexed with general-purpose I/O (GPIO) signals. This multiplexing
enables use of a pin as GPIO if the peripheral signal or function is not used. On reset, all GPIO pins are
configured as inputs. The user can then individually program each pin for GPIO mode or peripheral signal
mode. For specific inputs, the user can also select the number of input qualification cycles to filter
unwanted noise glitches.
3.2.20 32-Bit CPU-Timers (0, 1, 2)
CPU-Timers 0, 1, and 2 are identical 32-bit timers with presettable periods and with 16-bit clock
prescaling. The timers have a 32-bit count-down register, which generates an interrupt when the counter
reaches zero. The counter is decremented at the CPU clock speed divided by the prescale value setting.
When the counter reaches zero, it is automatically reloaded with a 32-bit period value. CPU-Timer 2 is
reserved for the DSP/BIOS Real-Time OS, and is connected to INT14 of the CPU. If DSP/BIOS is not
being used, CPU-Timer 2 is available for general use. CPU-Timer 1 is for general use and can be
connected to INT13 of the CPU. CPU-Timer 0 is also for general use and is connected to the PIE block.
3.2.21 Control Peripherals
The F281x and C281x support the following peripherals that are used for embedded control and
communication:
EV:
The event manager module includes general-purpose timers, full-compare/PWM units,
capture inputs (CAP) and quadrature-encoder pulse (QEP) circuits. Two such event
managers are provided which enable two three-phase motors to be driven or four
two-phase motors. The event managers on the F281x and C281x are compatible to the
event managers on the 240x devices (with some minor enhancements).
ADC:
The ADC block is a 12-bit converter, single ended, 16-channels. It contains two
sample-and-hold units for simultaneous sampling.
3.2.22 Serial Port Peripherals
The F281x and C281x support the following serial communication peripherals:
eCAN:
This is the enhanced version of the CAN peripheral. It supports 32 mailboxes, time
stamping of messages, and is CAN 2.0B-compliant.
McBSP:
The multichannel buffered serial port (McBSP) connects to E1/T1 lines, phone-quality
codecs for modem applications or high-quality stereo audio DAC devices. The McBSP
receive and transmit registers are supported by a 16-level FIFO that significantly reduces
the overhead for servicing this peripheral.
SPI:
The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream of
programmed length (one to sixteen bits) to be shifted into and out of the device at a
programmable bit-transfer rate. Normally, the SPI is used for communications between
the DSP controller and external peripherals or another processor. Typical applications
include external I/O or peripheral expansion through devices such as shift registers,
display drivers, and ADCs. Multi-device communications are supported by the
master/slave operation of the SPI. On the F281x and C281x, the port supports a
16-level, receive-and-transmit FIFO for reducing servicing overhead.
SCI:
The serial communications interface is a two-wire asynchronous serial port, commonly
known as UART. On the F281x and C281x, the port supports a 16-level,
receive-and-transmit FIFO for reducing servicing overhead.
38
Functional Overview
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com