Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 94Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 95Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 96Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 6-2. TMS320C281x Current Consumption by Power-Supply Pins Over Recommended Operating
Conditions During Low-Power Modes at 150-MHz SYSCLKOUT
IDD
IDDIO
(1)
IDDA
(2)
MODE
TEST CONDITIONS
TYP
MAX(3)
TYP
MAX(3)
TYP
MAX(3)
All peripheral clocks are enabled. All PWM
pins are toggled at 100 kHz.
Data is continuously transmitted out of the
Operational
210 mA(4)
260 mA
20 mA
30 mA
40 mA
50 mA
SCIA, SCIB, and CAN ports. The hardware
multiplier is exercised. Code is running out of
ROM with 5 wait-states.
•
XCLKOUT is turned off
IDLE
140 mA
165 mA
20 mA
30 mA
5 µA
10 µA
•
All peripheral clocks are on, except ADC
•
Peripheral clocks are turned off
STANDBY
5 mA
10 mA
5 µA
20 µA
5 µA
10 µA
•
Pins without an internal PU/PD are tied
high/low
•
Peripheral clocks are turned off
•
Pins without an internal PU/PD are tied
HALT
70 µA
5 µA
10 µA
1 µA
high/low
•
Input clock is disabled
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
IDDA includes current into VDDA1, VDDA2, AVDDREFBG, and VDDAIO pins.
(3)
MAX numbers are at 125°C, and MAX voltage (VDD = 1.89 V; VDDIO, VDD3VFL, VDDA = 3.47 V).
(4)
IDD represents the total current drawn from the 1.8-V rail (VDD). It includes a small amount of current (<1 mA) drawn by VDD1.
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
93
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com