Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 15Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 16Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 17Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 18Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 19Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 20Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 21Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 22Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
Microprocessor/Microcomputer Mode Select.
Switches between microprocessor and
microcomputer mode. When high, Zone 7 is
enabled on the external interface. When low,
Zone 7 is disabled from the external interface,
XMP/MC
F1
17
–
I
PD
and on-chip boot ROM may be accessed
instead. This signal is latched into the
XINTCNF2 register on a reset and the user
can modify this bit in software. The state of the
XMP/MC pin is ignored after reset.
External Hold Request. XHOLD, when active
(low), requests the XINTF to release the
external bus and place all buses and strobes
XHOLD
E7
159
–
I
PU
into a high-impedance state. The XINTF will
release the bus when any current access is
complete and there are no pending accesses
on the XINTF.
External Hold Acknowledge. XHOLDA is
driven active (low) when the XINTF has
granted a XHOLD request. All XINTF buses
and strobe signals will be in a high-impedance
XHOLDA
K10
82
–
O/Z
–
state. XHOLDA is released when the XHOLD
signal is released. External devices should
only drive the external bus when XHOLDA is
active (low).
XINTF Zone 0 and Zone 1 Chip Select.
XZCS0AND1
P1
44
–
O/Z
–
XZCS0AND1 is active (low) when an access
to the XINTF Zone 0 or Zone 1 is performed.
XINTF Zone 2 Chip Select. XZCS2 is active
XZCS2
P13
88
–
O/Z
–
(low) when an access to the XINTF Zone 2 is
performed.
XINTF Zone 6 and Zone 7 Chip Select.
XZCS6AND7
B13
133
–
O/Z
–
XZCS6AND7 is active (low) when an access
to the XINTF Zone 6 or Zone 7 is performed.
Write Enable. Active-low write strobe. The
write strobe waveform is specified, per zone
XWE
N11
84
–
O/Z
–
basis, by the Lead, Active, and Trail periods in
the XTIMINGx registers.
Read Enable. Active-low read strobe. The
read strobe waveform is specified, per zone
XRD
M3
42
–
O/Z
–
basis, by the Lead, Active, and Trail periods in
the XTIMINGx registers. NOTE: The XRD and
XWE signals are mutually exclusive.
Read Not Write Strobe. Normally held high.
When low, XR/W indicates write cycle is
XR/W
N4
51
–
O/Z
–
active; when high, XR/W indicates read cycle
is active.
Ready Signal. Indicates peripheral is ready to
complete the access when asserted to 1.
XREADY
B6
161
–
I
PU
XREADY can be configured to be a
synchronous or an asynchronous input. See
the timing diagrams for more details.
Copyright © 2001–2011, Texas Instruments Incorporated
Introduction
19
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com