Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 51 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 47Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 48Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 49Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 50Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 51Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 52Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 53Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 54Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 3-16. PLLCR Register Bit Definitions
XRS
BIT(S)
NAME
TYPE
DESCRIPTION
RESET(1)
15:4
Reserved
R = 0
0:0
SYSCLKOUT = (XCLKIN * n)/2, where n is the PLL multiplication
factor.
Bit Value
n
SYSCLKOUT
0000
PLL Bypassed
XCLKIN/2
0001
1
XCLKIN/2
0010
2
XCLKIN
0011
3
XCLKIN * 1.5
0100
4
XCLKIN * 2
0101
5
XCLKIN * 2.5
3:0
DIV
R/W
0,0,0,0
0110
6
XCLKIN * 3
0111
7
XCLKIN * 3.5
1000
8
XCLKIN * 4
1001
9
XCLKIN * 4.5
1010
10
XCLKIN * 5
1011
11
Reserved
1100
12
Reserved
1101
13
Reserved
1110
14
Reserved
1111
15
Reserved
(1)
The PLLCR register is reset to a known state by the XRS reset line. If a reset is issued by the debugger, the PLL clocking ratio is
not changed.
3.8.1
Loss of Input Clock
In PLL enabled mode, if the input clock XCLKIN or the oscillator clock is removed or absent, the PLL will
still issue a “limp-mode” clock. The limp-mode clock will continue to clock the CPU and peripherals at a
typical frequency of 1–4 MHz. The PLLCR register should have been written to with a non-zero value for
this feature to work.
Normally, when the input clocks are present, the watchdog counter will decrement to initiate a watchdog
reset or WDINT interrupt. However, when the external input clock fails, the watchdog counter will stop
decrementing (i.e., the watchdog counter does not change with the limp-mode clock). This condition could
be used by the application firmware to detect the input clock failure and initiate necessary shut-down
procedure for the system.
NOTE
Applications in which the correct CPU operating frequency is absolutely critical must
implement a mechanism by which the DSP will be held in reset, should the input clocks ever
fail. For example, an R-C circuit may be used to trigger the XRS pin of the DSP, should the
capacitor ever get fully charged. An I/O pin may be used to discharge the capacitor on a
periodic basis to prevent it from getting fully charged. Such a circuit would also help in
detecting failure of the VDD3VFL rail.
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
51
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com